Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06D-15-C2-R0

  • AI
    The **ATS-06D-15-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for cooling high-power semiconductors and electronic components. --- ## 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 50mm x 50mm x 25mm | | **Thermal Resistance** | 3.44°C/W (at 200 LFM) | | **Attachment Method** | pushPIN™ | | **Pressure Spring** | Brass, Ni-Plated | | **TIM (Thermal Interface Material)** | T766 (Pre-applied) | --- ## 2. Key Electronic Functions While the heat sink itself does not consume electricity, its role is critical to the stability of electronic systems: ### Thermal Dissipation The primary function is to increase the surface area of a heat-generating component (like a CPU, FPGA, or Power MOSFET). This prevents **thermal throttling** or permanent damage due to overheating. ### The maxiFLOW™ Design The "06D" series features a unique spread-fin geometry. This allows for: * **Maximum Airflow:** Reduced pressure drop across the fins. * **Omnidirectional Cooling:** It performs well regardless of the orientation of the airflow within the chassis. ### Mechanical Attachment (pushPIN™) The part uses a specialized **pushPIN™** mechanism. This is vital for electronic PCBs because: * It ensures consistent pressure across the chip surface for optimal heat transfer. * It protects the delicate solder joints of the BGA (Ball Grid Array) from mechanical stress. --- ## 3. Product Nomenclature Breakdown Understanding the part number reveals the specific configuration: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer: Advanced Thermal Solutions | | **06D** | Series: maxiFLOW™ with 50x50mm footprint | | **15** | Height: 25mm (Custom code for vertical clearance) | | **C2** | Thermal Performance/Material grade | | **R0** | Revision code/Standard packaging | --- ## 4. Usage Considerations * **Airflow Requirement:** This is an active-cooling-dependent part; it requires forced air (fan) to reach the 3.44°C/W thermal resistance rating. * **PCB Footprint:** Ensure the board has the necessary mounting holes for the pushPIN™ system to lock into place.
    ✨ Follow-up Questions
    • ⤷ How does the T766 thermal interface material compare to standard thermal paste?
    • ⤷ What are the PCB hole size requirements for the pushPIN attachment?
    • ⤷ Can this heat sink be used in natural convection environments without a fan?