ATS-06D-151-C1-R0
AI

The **ATS-06D-151-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35mm x 35mm x 20mm |
| **Attachment Method** | Push-Pin (Steel) |
| **Thermal Resistance** | 3.90°C/W (at 100 LFM) |
| **Flow Orientation** | Vertical Fin (Straight) |
---
### 2. Breakdown of the Part Number
The nomenclature for ATS products follows a specific coding logic:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **06**: Fin pitch/style configuration.
* **D**: Attachment style (Push-pin).
* **151**: Unique geometric identifier for size and fin count.
* **C1**: Material/Finish code (usually indicates Aluminum with Blue Anodize).
* **R0**: Revision or RoHS compliance status.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not consume electricity), it is critical for the following electronic functions:
1. **Heat Dissipation:** It increases the surface area of the component (e.g., a BGA chip), allowing air to carry away heat more efficiently.
2. **Thermal Interface:** It is typically paired with a **TIM (Thermal Interface Material)** like thermal grease or a pad to fill microscopic air gaps between the chip and the metal.
3. **Mechanical Stability:** The "Push-Pin" mechanism ensures consistent downward pressure, which is vital for maintaining a solid thermal connection during vibrations or thermal expansion.
---
### 4. Typical Application Circuit Context
In a PCB design, you would find this part mounted over a high-heat component:
```yaml
Component: FPGA / Microprocessor
Maximum Junction Temp: 100°C
Ambient Temp: 40°C
Required Heat Sink: ATS-06D-151-C1-R0
Mounting Hole Pattern: 30mm x 30mm (approx)
```
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate if the 3.90°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if push-pins are not supported by my PCB?