Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06D-157-C2-R0

  • AI
    The **ATS-06D-157-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is specifically designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the component: | Feature | Specification | |:---|:---| | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Number** | ATS-06D-157-C2-R0 | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions** | 40mm x 40mm x 30mm | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Design and Component Features * **Heat Sink Profile:** It features a **Straight Fin** design. This is optimized for uniform airflow, typically provided by a nearby system fan or ducting. * **pushPIN™ Attachment:** Instead of messy adhesives, this part uses a mechanical spring-loaded pin system. This ensures consistent pressure on the electronic component, which maximizes thermal transfer efficiency. * **Thermal Performance:** * **Unducted Flow:** 3.35 °C/W @ 100 LFM. * **Ducted Flow:** 1.50 °C/W @ 100 LFM. * **Material Science:** The use of **AL6063 aluminum** provides a balance between high thermal conductivity and structural rigidity. The **Blue Anodized** coating protects the aluminum from oxidation and increases surface emissivity. --- ### 3. Usage Example (Thermal Analysis) When integrating this part into a PCB design, engineers look at the Thermal Resistance curve. Below is a conceptual representation of how one might calculate the temperature delta ($\Delta T$): ```python # Simple Thermal Calculation power_dissipation = 15 # Watts (Heat generated by the chip) thermal_resistance = 1.8 # Celsius per Watt (estimated at specific airflow) # Calculate Temperature Rise above Ambient temp_rise = power_dissipation * thermal_resistance print(f"The component will be {temp_rise} degrees Celsius above ambient.") # Output: The component will be 27.0 degrees Celsius above ambient. ``` --- ### 4. Application Areas This specific heat sink is commonly used in: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PC modules and controllers. 3. **Power Electronics:** Cooling for MOSFET arrays or voltage regulators.
    ✨ Follow-up Questions
    • ⤷What is the difference between ducted and unducted thermal resistance?
    • ⤷ Does this heat sink come with different spring options for various PCB thicknesses?
    • ⤷ How does the T766 thermal interface material compare to standard thermal paste?