Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06D-160-C2-R0

  • AI
    The **ATS-06D-160-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** line, designed for cooling electronic components such as CPUs, GPUs, and other high-heat-generating integrated circuits (ICs). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 45mm x 45mm x 15mm | | **Thermal Resistance** | 6.67°C/W (at 100 LFM) | | **Airflow Path** | Fine Pitch (straight fins) | | **Hardware** | Brass Springs and Plastic Pins | --- ### 2. Physical Design and Construction * **Heat Sink Material:** Made of high-grade aluminum, which provides a balance between lightweight construction and high thermal conductivity. * **Surface Treatment:** The **Blue Anodized** finish is not just aesthetic; it increases the surface emissivity, aiding in heat radiation, and provides protection against corrosion and wear. * **Fin Geometry:** It features a straight-fin design optimized for high-performance thermal transfer in forced-air cooling environments. --- ### 3. Attachment Mechanism: pushPIN™ The suffix in the part number indicates the specific hardware used for mounting: 1. **Spring-Loaded:** Utilizes a brass spring to provide consistent pressure (Normal Force) between the heat sink and the electronic component. 2. **Ease of Assembly:** Designed for quick installation. The plastic pins go through pre-drilled holes in the PCB, locking the heat sink securely in place. 3. **Vibration Resistance:** The tension from the springs ensures the thermal interface material (TIM) remains in contact even during mechanical vibration. --- ### 4. Thermal Performance The thermal resistance of this part varies based on the airflow (Linear Feet per Minute - LFM): | Airflow (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | **100 (0.5 m/s)** | 6.67 | | **300 (1.5 m/s)** | 3.16 | | **500 (2.5 m/s)** | 2.45 | | **700 (3.5 m/s)** | 2.09 | --- ### 5. Part Number Decoding The part number follows a specific ATS nomenclature: * **ATS:** Manufacturer (Advanced Thermal Solutions). * **06:** Series/Heat Sink Type. * **D:** Pin/Hardware variation. * **160:** Size/Height specific code. * **C2:** Material/Thermal Interface material (often indicates T766 or similar pre-applied phase-change material). * **R0:** Revision/Finish code.
    ✨ Follow-up Questions
    • ⤷What is the difference between blue anodized and black anodized heat sinks?
    • ⤷ How do I calculate the required airflow for this heat sink?
    • ⤷ Are there alternative mounting options if my PCB doesn't have pre-drilled holes?