ATS-06D-164-C2-R0
AI

The **ATS-06D-164-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Below is the breakdown of its physical and thermal characteristics:
| Property | Description |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight Fin |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 33.00mm |
| **Thermal Resistance** | 2.41°C/W (at 100 LFM) |
| **Weight** | ~0.35 lbs (approx.) |
---
### 2. Key Electronic Components Breakdown
#### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN™** system. This consists of:
* **Brass/Plastic Pins:** Used to secure the heat sink to pre-drilled holes in the PCB.
* **Compression Springs:** Provides consistent downward pressure (clamping force) on the electronic component, ensuring optimal contact with the Thermal Interface Material (TIM).
#### B. Thermal Interface Material (TIM)
The "C2" in the part number indicates the type of pre-applied thermal material.
* **Material:** T766 (High-performance thermal grease).
* **Function:** It fills microscopic air gaps between the electronic chip (heat source) and the aluminum base of the heat sink to maximize heat transfer.
#### C. Fin Geometry
The straight-fin design is optimized for **forced-air cooling**. In electronic enclosures with system fans, the air travels through the parallel channels, carrying heat away from the aluminum surface area.
---
### 3. Usage Context in Electronics
This part is typically found in the following electronic environments:
1. **Telecommunications:** Used on high-speed switching chips.
2. **Power Electronics:** Dissipating heat from large MOSFETs or IGBTs.
3. **Embedded Systems:** Cooling processors on industrial-grade motherboards.
---
### 4. Comparison of Airflow Performance
The efficiency of this heat sink depends on the velocity of the air provided by the electronic system's fans (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.41 |
| 300 (1.5 m/s) | 1.14 |
| 500 (2.5 m/s) | 0.89 |
- ⤷
What is the difference between the C1 and C2 versions of this part?
- ⤷ How do I determine the correct hole pattern on my PCB for this pushPIN system?
- ⤷ Can this heat sink be used for passive cooling without a fan?