ATS-06D-175-C2-R0
AI

The **ATS-06D-175-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 13.52°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (LxWxH)** | 35.00mm x 35.00mm x 10.00mm |
| **Fin Type** | Fine Pitch (Cross-Cut) |
| **Fin Style** | XC (Extra Coarse/Custom) |
---
### Component Breakdown
#### 1. Heat Sink Geometry
* **Dimensions:** It features a footprint of 35mm x 35mm and a low profile of 10mm. This makes it ideal for compact electronic enclosures where vertical space is limited.
* **Fin Configuration:** The "cross-cut" design allows for multi-directional airflow, meaning it can dissipate heat effectively regardless of which direction the system fan is blowing.
#### 2. Material and Coating
* **Aluminum 6063:** This alloy provides a high thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer increases the surface emissivity, slightly improving radiative heat transfer, and protects the aluminum from corrosion.
#### 3. Attachment Mechanism (pushPIN™)
The "R0" designation typically refers to the attachment kit included. This system uses:
* **Brass Push Pins:** These snap into pre-drilled holes in the PCB.
* **Stainless Steel Springs:** These provide consistent pressure (compression) on the heat source, ensuring the thermal interface material (TIM) fills all microscopic gaps.
#### 4. Thermal Performance
Thermal resistance is measured in °C/W (degrees Celsius per Watt). A lower number is better.
* **At 100 LFM (Linear Feet per Minute):** 13.52 °C/W.
* **At 700 LFM:** 2.97 °C/W.
* *Interpretation:* As airflow increases, the efficiency of this specific part improves drastically.
---
### Use Cases
* **Embedded Systems:** Cooling small-form-factor processors.
* **Telecommunications:** Cooling FPGA or ASIC chips on line cards.
* **Power Electronics:** Managing heat for voltage regulators and power modules.
- ⤷
What is the significance of the 'C2' code in the ATS part numbering system?
- ⤷ How do I calculate if this heat sink is sufficient for a 10-watt processor?
- ⤷ What type of thermal interface material (TIM) is recommended for this pushPIN heat sink?