ATS-06D-197-C2-R0
AI

The **ATS-06D-197-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is manufactured by Advanced Thermal Solutions (ATS) and belongs to their "push-pin" series designed for cooling Integrated Circuits (ICs) and other PCB components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 4.30°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 10mm |
| **Attachment Method** | Push-Pin (with Compression Springs) |
---
### 2. Design and Component Features
#### A. Fin Pattern (Cross-Cut)
The "197" in the part number refers to a specific **cross-cut** fin design. This layout allows for multi-directional airflow, making it efficient in systems where the air direction might be turbulent or non-linear.
#### B. Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the part comes pre-applied with **T766 Phase Change Material**. This is an electronic-grade thermal grease or pad that ensures maximum heat transfer between the component (like a CPU or FPGA) and the aluminum heat sink.
#### C. Attachment Mechanism
Unlike adhesive-based heat sinks, this model uses a **push-pin and spring** system:
* **Reliability:** Provides consistent pressure (load) on the component.
* **Stability:** Prevents the heat sink from shifting during high-vibration environments.
* **Hole Pattern:** Requires pre-drilled holes in the PCB.
---
### 3. Electronic Application Use-Cases
This part is commonly used to manage the thermal profile of the following electronic devices:
1. **FPGAs & ASICs:** High-density chips used in networking and signal processing.
2. **Processors (CPUs/GPUs):** Low-profile cooling for embedded computing.
3. **Power Electronics:** Cooling MOSFET arrays or voltage regulators in power supplies.
---
- ⤷
What is the significance of the 'R0' suffix in this part number?
- ⤷ How do I calculate if the 4.30°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative attachment methods if my PCB lacks push-pin holes?