ATS-06D-34-C3-R0
AI

The **ATS-06D-34-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide low thermal resistance in high-speed airflow environments.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions** | 36.83mm x 36.83mm x 22.86mm |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins) |
| **Thermal Resistance** | 6.84°C/W (at 200 LFM) |
| **Flow Orientation** | Directional (High-performance fins) |
| **Interface Material** | T412 (Thermal Interface Material pre-applied) |
---
### 2. Core Electronic Components & Features
The part is comprised of three main functional elements:
#### A. Fin Design (maxiFLOW™)
Unlike standard extruded heat sinks, the **C3-R0** variant uses a high-aspect-ratio fin geometry. This design increases the surface area for heat dissipation while maintaining a low pressure drop. The "Directional" nature means it performs best when the airflow is aligned with the fin channels.
#### B. The pushPIN™ Attachment System
To ensure reliable mechanical contact with electronic components (like CPUs, FPGAs, or GPUs), this part uses a spring-loaded push-pin system. This provides:
* **Constant Pressure:** Ensures the thermal interface material (TIM) is compressed correctly.
* **Vibration Resistance:** Securely locks the heat sink to the PCB.
* **Ease of Assembly:** Quick installation without the need for complex brackets.
#### C. Thermal Interface Material (T412)
The "C3" in the part number indicates it comes pre-applied with **T412**. This is a high-conductivity phase-change or grease-like material that fills microscopic air gaps between the electronic chip and the aluminum base of the heat sink, significantly reducing thermal resistance.
---
### 3. Application Use Cases
This component is typically found in the following electronic environments:
1. **Telecommunications:** Cooling high-speed network switches and routers.
2. **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
3. **Power Electronics:** Managing heat from voltage regulators or power modules on a dense PCB.
- ⤷
What is the difference between the C1
- ⤷ C2
- ⤷ and C3 variants of ATS heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Are there 3D CAD models available for the ATS-06D-34-C3-R0 for PCB layout?