ATS-06D-36-C3-R0
AI

The **ATS-06D-36-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Series** | pushPIN™ | High-performance thermal interface |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Enhances emissivity and prevents corrosion |
| **Base Dimension** | 36.83 x 36.83 mm | The footprint area of the heat sink |
| **Height** | 15.00 mm | Low-profile design |
| **Attachment** | Push-Pin | Secure mechanical mounting |
| **Thermal Resistance** | 14.90 °C/W (at 100 LFM) | Rate of heat dissipation |
---
### 2. Design Characteristics
This heat sink utilizes a **Fine Pitch** straight-fin design to maximize surface area for convective cooling.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied **T412** thermal interface material, which ensures low thermal resistance between the component and the heat sink.
* **Airflow Direction:** Designed primarily for **vertical or horizontal** airflow, though it performs best in forced-air environments.
* **Attachment Mechanism:** The "pushPIN™" system uses a brass or plastic pin with a stainless steel spring. This provides consistent pressure (load) to the component, improving thermal transfer and preventing damage during vibration.
---
### 3. Application Use Cases
The ATS-06D-36-C3-R0 is commonly used in the following electronic sectors:
1. **Telecommunications:** Cooling of high-speed network switches and routers.
2. **Embedded Systems:** Thermal management for industrial PC processors.
3. **Power Electronics:** Dissipating heat from MOSFETs or power regulators.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 14.90 | 5.62 | 3.32 | 2.48 |
- ⤷
How does the 'C3' designation in the part number affect the material or finish?
- ⤷ What are the advantages of using push-pins over thermal adhesive for this heat sink?
- ⤷ Can this heat sink be used in natural convection environments without a fan?