ATS-06D-37-C2-R0
AI

The **ATS-06D-37-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series and is designed for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, or GPUs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 22.86mm |
| **Attachment Method** | pushPIN™ (Brass pins/Plastic pins) |
| **Thermal Resistance (Flowing)** | 9.12 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 4.02 °C/W @ 500 LFM |
| **Attachment Material** | Stainless Steel Spring |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### 2. Key Electronic Features
#### A. maxiFLOW™ Fin Design
The "D" in the part number indicates a specific fin pattern. The maxiFLOW™ geometry features a flared fin structure that maximizes the surface area for convective heat transfer while minimizing pressure drop. This is crucial for high-density PCB layouts where airflow may be restricted.
#### B. pushPIN™ Attachment System
The part uses a specialized attachment mechanism rather than simple adhesive. This provides several benefits for electronics:
- **Consistent Pressure:** The springs ensure uniform contact between the heat sink and the chip.
- **Reliability:** It is more resistant to vibration and thermal expansion than generic thermal tape.
- **Reusability:** It can be removed for component maintenance without damaging the PCB.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a high-performance thermal pad that fills microscopic air gaps between the component die and the aluminum base, significantly reducing thermal impedance.
---
### 3. Applications
This component is typically found in:
1. **Network Switches/Routers:** Cooling high-speed processing ASICs.
2. **Industrial Embedded Systems:** Where mechanical vibration requires a secure physical attachment.
3. **Telecommunications:** For power-dense modules that require high-velocity airflow.
---
- ⤷
What are the specific mounting hole requirements for the pushPIN system?
- ⤷ How does the pressure drop of the maxiFLOW design compare to standard straight fin heat sinks?
- ⤷ Are there alternative Thermal Interface Materials available for this specific model?