ATS-06D-41-C3-R0
AI

The **ATS-06D-41-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push-pin" series designed for securing the cooling element directly to a Printed Circuit Board (PCB).
---
### Technical Specifications
The following table outlines the physical and thermal characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Thermal Resistance (Flowing Air)** | 1.81°C/W @ 200 LFM |
| **Thermal Resistance (Static Air)** | 10.21°C/W |
| **Fin Type** | Straight |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### Core Components and Features
#### 1. Heat Sink Body
* **Material:** Constructed from high-quality Aluminum 6063.
* **Fin Geometry:** It features a vertical straight-fin design. This is optimized for systems with a specific direction of airflow, allowing air to pass through the channels and carry heat away from the base.
* **Anodization:** The "C3" in the part number refers to the **Blue Anodized** finish, which increases surface emissivity and provides corrosion resistance.
#### 2. Mounting Hardware (Push-Pin)
* **Mechanism:** It uses a spring-loaded plastic push-pin. This ensures a constant, predefined pressure (load) on the component, which is critical for maximizing thermal transfer.
* **Hole Pattern:** Designed for standard PCB hole spacing (typically 33mm in this series).
#### 3. Thermal Interface Material (TIM)
* The **T412** material pre-applied to the bottom is a high-performance phase-change material or thermal tape. It fills microscopic air gaps between the heat sink and the electronic component (CPU, FPGA, or GPU), significantly reducing thermal resistance at the contact point.
---
### Application Usage
This part is typically used for cooling mid-range heat-generating components in:
* **Networking Equipment:** Routers and switches.
* **Industrial PCs:** Embedded controllers and automation hardware.
* **Power Supplies:** Cooling MOSFETs or power ICs.
- ⤷What is the significance of the 'R0' suffix in this part number?
- ⤷ How does air velocity impact the thermal resistance of this specific heat sink?
- ⤷ Can the T412 thermal interface be replaced with custom thermal paste?