ATS-06D-71-C3-R0
AI

The **ATS-06D-71-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Here are the core specifications:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (Flow)** | 19.62 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Fin Type** | Straight Fin |
| **Fin Pitch** | COARSE-PITCH |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment
Unlike standard adhesive tapes, this part uses a **pushPIN™** system. This involves a spring-loaded mechanism that ensures:
* **Constant Pressure:** Maintains optimal contact between the heat sink and the electronic component.
* **Mechanical Stability:** Prevents the heat sink from shifting during high-vibration environments.
### B. Thermal Interface Material (TIM)
The "C3" in the part number typically indicates that the part comes pre-applied with **T412 Thermal Interface Material**. This is a high-performance thermal pad/paste that fills microscopic air gaps between the component and the heat sink to maximize heat transfer.
### C. Thermal Performance
The efficiency of this heat sink depends on the airflow (measured in Linear Feet per Minute - LFM):
1. **Low Airflow (100 LFM):** 19.62 °C/W resistance.
2. **High Airflow (700 LFM):** 3.10 °C/W resistance.
---
## 3. Physical Layout
The design uses a **Straight-Fin** geometry. This is best suited for systems where the airflow direction is predictable and linear.
```markdown
+-------------------+
| ||||||||||||||||| | <-- Fin Array (Aluminum)
+-------------------+
| Thermal Pad | <-- TIM (T412)
+-------------------+
/ \
[pushPIN] [pushPIN] <-- Attachment mechanism
```
---
## 4. Typical Applications
* **Embedded Systems:** Cooling microprocessors on PCBs.
* **Telecommunications:** Cooling signal processing chips.
* **Power Electronics:** Dissipating heat from Voltage Regulators or MOSFETs.
- ⤷
How do I calculate if this heat sink is sufficient for a 10W chip?
- ⤷ What is the difference between Blue Anodized and Gold Anodized finishes?
- ⤷ Can the pushPIN attachment be used on any standard PCB?