ATS-06D-76-C2-R0
AI

The **ATS-06D-76-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **Heat Sink** designed for cooling electronic components such as CPUs, GPUs, or power transistors.
---
## 1. Technical Specifications
The part number "ATS-06D-76-C2-R0" contains specific metadata regarding its dimensions, thermal performance, and attachment method.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Passive Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Fin Style** | Straight Fin (provides low pressure drop) |
| **Thermal Resistance** | ~11.5°C/W (at 200 LFM airflow) |
---
## 2. Key Electronic Functions
While the heat sink itself does not carry an electric current, it is critical for the stability of the electronic circuit:
### Heat Dissipation
Its primary role is to increase the surface area of a semiconductor package. By transferring heat from the silicon die to the surrounding air, it prevents **Thermal Throttling** and **Permanent Failure** of the electronic part.
### pushPIN™ Attachment System
The "76" in the part number indicates a specific attachment mechanism. It uses a flexible, secure attachment that ensures:
* **Constant Pressure:** Maintains optimal contact between the heat sink base and the chip.
* **Vibration Resistance:** Ideal for electronics used in industrial or automotive environments where movement occurs.
---
## 3. Material and Coating
* **Aluminum AL6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides a small amount of electrical insulation and increases surface emissivity, slightly improving radiation cooling.
---
## 4. Typical Applications
This specific size (25x25mm) is common in the following electronic assemblies:
1. **Network Switches/Routers:** Cooling small processors.
2. **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
3. **Embedded Computing:** Protecting ARM-based SoCs in industrial controllers.
---
- ⤷
What is the thermal interface material (TIM) recommended for this heat sink?
- ⤷ How does the 'pushPIN' mounting compare to standard adhesive tapes?
- ⤷ What is the weight of the ATS-06D-76-C2-R0?