ATS-06D-76-C3-R0
AI

The part number **ATS-06D-76-C3-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" attachment series, designed for cooling electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 11.84°C/W (at 200 LFM) |
| **Flow Pattern** | Straight Fin |
| **Attachment Type** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T412 (Double-sided thermal tape) |
---
### 2. Physical Dimensions
Precision measurements are critical for PCB layout and clearance:
* **Width/Length:** 25mm x 25mm
* **Height:** 10mm
* **Pitch (between pins):** 30mm
---
### 3. Key Electronic/Mechanical Functions
### A. Thermal Management
The primary role of this part is to increase the surface area of an electronic component, allowing heat to dissipate more efficiently into the surrounding air. The **Straight Fin** design is optimized for environments with a steady, unidirectional airflow.
### B. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just aesthetic; the anodized layer provides electrical insulation and improves surface emissivity, aiding in heat radiation.
### C. Attachment Mechanism (Push-Pins)
Unlike adhesive-only heatsinks, the **R0** designation indicates a push-pin assembly.
* **Reliability:** Mechanical pins ensure constant pressure on the chip, which improves the effectiveness of the Thermal Interface Material (TIM).
* **Vibration Resistance:** This mounting style is preferred for industrial or automotive applications where vibration might cause adhesive-only heatsinks to fall off.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **06D** | Series code (Push-pin type) |
| **76** | Specific fin geometry/height profile |
| **C3** | Thermal performance/Material grade |
| **R0** | RoHS Compliant / Revision code |
- ⤷What is the difference between straight fin and cross-cut fin designs?
- ⤷ How do I calculate if 11.84°C/W is sufficient for my component?
- ⤷ Are there alternative attachment methods besides push-pins for this heatsink size?