ATS-06D-82-C3-R0
AI

The **ATS-06D-82-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal interface material.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Fin Type** | Straight Fin (provides high surface area for airflow) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Interface Material (TIM)** | T412 (High-performance thermal pad) |
| **Thermal Resistance** | 10.97°C/W (at 100 LFM) |
---
### 2. Breakdown of the Electronic Parts
The assembly consists of three main electronic/mechanical sub-components:
#### A. The Heat Sink Body
* **Material:** Extruded aluminum alloy. Aluminum is chosen for its high thermal conductivity and lightweight properties.
* **Finish:** Blue Anodized. The anodization protects against corrosion and slightly increases emissivity for better radiation cooling.
* **Fin Geometry:** The straight fins are optimized for unidirectional airflow, allowing heat to be carried away from the component via convection.
#### B. The Attachment Mechanism (Push-Pins)
* **Function:** This replaces adhesive tapes. It uses spring-loaded pins that snap into pre-drilled holes (usually 3.0mm) on the Printed Circuit Board (PCB).
* **Benefit:** Provides consistent pressure on the component, ensuring maximum contact with the die and improving thermal transfer. It also allows for easier rework compared to epoxy.
#### C. Thermal Interface Material (TIM)
* **Part Reference:** T412.
* **Role:** This is a pre-applied phase-change or pad material located at the base of the heat sink. It fills the microscopic air gaps between the heat sink and the electronic component to lower thermal impedance.
---
### 3. Application Use Cases
This specific part is typically found in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed network switches.
2. **Embedded Systems:** Industrial PCs where space is limited but vertical clearance allows for a 25mm height.
3. **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
- ⤷
What are the alternative attachment methods for heat sinks if push-pins are not compatible with my PCB?
- ⤷ How does the air flow rate (LFM) specifically affect the thermal resistance of this part?
- ⤷ Is the T412 thermal interface material electrically conductive or insulating?