ATS-06D-83-C1-R0
AI

The **ATS-06D-83-C1-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for thermal management in electronic circuits, specifically for cooling components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.58°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 20mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring (ATS-PPS-06) |
---
### 2. Key Design Features
* **Fin Geometry:** This model utilizes **Straight Fins**, which are optimized for unidirectional airflow.
* **Thermal Interface Material (TIM):** This specific part number comes with **T412** thermal tape pre-applied. T412 is a high-performance, double-sided thermal tape that provides strong mechanical adhesion and high thermal conductivity.
* **Push-Pin Attachment:** Instead of using clips or adhesive alone, it uses a mechanical push-pin system. This ensures consistent pressure across the component surface, which maximizes heat transfer.
* **Airflow Efficiency:** The "C1" in the part number indicates a specific thermal performance grade designed to work efficiently even at low-to-medium airflow velocities.
---
### 3. Part Number Breakdown (Nomenclature)
The part number follows a specific logic used by ATS:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer Prefix (Advanced Thermal Solutions) |
| **06** | Attachment Hardware (Push-pin type/size) |
| **D** | Material/Series Type |
| **83** | Length and Width dimensions |
| **C1** | Thermal performance/Fin configuration |
| **R0** | RoHS Compliance / Revision code |
---
### 4. Typical Applications
* **Embedded Systems:** Cooling microprocessors in industrial PCs.
* **Telecommunications:** Heat dissipation for high-speed networking chips.
* **Power Electronics:** Managing heat in voltage regulators and power converters.
---
- ⤷
What are the differences between T412 and other thermal interface materials like T766?
- ⤷ How do I calculate the required airflow (LFM) for this heat sink?
- ⤷ Can this heat sink be used with a custom mounting bracket instead of push-pins?