ATS-06D-91-C3-R0
AI

The **ATS-06D-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "pushPIN™" family, designed for cooling electronic components like CPUs, GPUs, and power transistors on Printed Circuit Boards (PCBs).
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this specific part:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Enhances surface durability and radiation |
| **Dimensions** | 40mm x 40mm | Square base profile |
| **Height** | 10.00mm | Low-profile design for space-constrained units |
| **Thermal Resistance** | 22.01 °C/W (@ 100 LFM) | Rate of heat transfer efficiency |
| **Attachment Type** | pushPIN™ | Spring-loaded attachment mechanism |
| **TIM** | T412 | Pre-applied Thermal Interface Material |
---
### 2. Key Features and Components
#### A. Fin Pattern: XC-CUT
This heat sink utilizes an **XC-CUT** fin pattern. This is a cross-cut design that creates square or rectangular pins.
* **Omnidirectional Airflow:** Unlike straight-fin heat sinks, the cross-cut design allows air to enter from any direction, making it ideal for systems where airflow direction is inconsistent or turbulent.
#### B. Attachment Mechanism (pushPIN™)
The "R0" suffix refers to the specific attachment kit.
* **Compression Springs:** It uses a brass or plastic push-pin with a stainless steel compression spring to ensure even pressure across the component surface.
* **Secure Fit:** This prevents the heat sink from shifting during vibration or shipping.
#### C. Thermal Interface Material (TIM)
The unit comes with **T412** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat sink and the electronic chip to maximize heat conduction.
---
### 3. Thermal Performance Analysis
Thermal performance varies based on the Airflow (measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | 100 | 200 | 400 | 600 |
| :--- | :--- | :--- | :--- | :--- |
| **Resistance (Unducted)** | 22.01 °C/W | 10.29 °C/W | 5.46 °C/W | 3.70 °C/W |
| **Resistance (Ducted)** | 5.13 °C/W | 3.31 °C/W | 2.53 °C/W | 2.10 °C/W |
---
### 4. Application Use Cases
* **Embedded Systems:** Due to its 10mm low profile.
* **Networking Gear:** Used on switches and routers for cooling ASICs.
* **Power Supplies:** Cooling voltage regulators and MOSFETs.
---
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ Can the T412 thermal interface material be replaced with a different compound?
- ⤷ What are the PCB hole requirements for the pushPIN™ attachment?