AI

The **ATS-06D-99-C1-R0** is a specific electronic cooling component manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** Heat Sink series, designed for high-performance cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Push-pin (Fine Pitch) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 11.49°C/W (at 100 LFM) |
| **Thermal Interface Material** | T766 (High Performance) |
---
### 2. Physical Design and Construction
The part is engineered for optimal airflow and heat dissipation in tight spaces:
* **Fins:** It features a **Straight-Fin** design. This is ideal for applications where air flows in a single direction, allowing for a lower pressure drop and efficient heat removal.
* **Base:** The base is flat and pre-applied with **T766 thermal interface material (TIM)**. This ensures a low-resistance path for heat to move from the chip to the aluminum sink.
* **Material:** Made from **Aluminum 6063**, which offers a balance between thermal conductivity, weight, and corrosion resistance.
---
### 3. Attachment Mechanism: pushPIN™
The suffix `R0` indicates the mounting hardware style. This specific model uses a spring-loaded push-pin system:
1. **Ease of Use:** It allows for quick installation on the Printed Circuit Board (PCB) without specialized tools.
2. **Constant Pressure:** The springs ensure that the heat sink maintains firm, consistent contact with the electronic part, even under mechanical stress or vibration.
3. **Stability:** The pins fit into pre-drilled holes in the PCB, preventing the heat sink from shifting.
---
### 4. Application Areas
This part is commonly found in industrial and consumer electronics, including:
* **Networking Hardware:** Routers, switches, and modems.
* **Computing:** CPU/GPU auxiliary cooling and chipsets.
* **Power Electronics:** Power supplies and motor controllers where thermal management is critical for longevity.
- ⤷
What is the difference between Blue Anodized and other finishes for heat sinks?
- ⤷ How do I determine if my PCB hole pattern is compatible with this heat sink?
- ⤷ What are the thermal performance differences between straight-fin and cross-cut designs?