ATS-06E-01-C2-R0
AI

The **ATS-06E-01-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of electronic components like CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 6mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 21.90 °C/W (Unducted Flow @ 100 LFM) |
| **Fin Pattern** | XCUT (Cross-cut) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Features
* **XCUT Fin Design:** This heat sink uses a cross-cut (XCUT) fin pattern. This design is highly efficient for omni-directional airflow, meaning it can dissipate heat effectively regardless of the direction the cooling fan is blowing.
* **pushPIN™ Attachment:** The "06E" designation refers to the specific attachment mechanism. It uses a spring-loaded pin system that provides consistent pressure to the electronic chip, ensuring optimal thermal contact while preventing damage from over-tightening.
* **Low Profile:** With a height of only **6mm**, this component is designed for "thin" electronic assemblies where vertical space is restricted (e.g., 1U servers or mobile devices).
* **Pre-applied TIM:** It comes with **T766 thermal interface material** already applied to the base, which simplifies the assembly process and ensures high-quality heat transfer from the chip to the aluminum fins.
---
### 3. Electronic Application Use-Cases
This part is typically found in:
1. **Embedded Systems:** For cooling microprocessors on PCBs.
2. **Telecommunications:** Cooling ASICs (Application-Specific Integrated Circuits) in networking gear.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators in power supplies.
---
### 4. Part Number Breakdown
`ATS - 06 E - 01 - C2 - R0`
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **06:** Height (approximate/series indicator).
* **E/01:** Attachment and hole pattern configuration.
* **C2:** Material/Finish (Blue Anodized Aluminum).
* **R0:** Revision/Packaging code.
- ⤷
What is the significance of the 'XCUT' fin geometry compared to straight fins?
- ⤷ Can this heat sink be used with different attachment springs for higher pressure?
- ⤷ How does the T766 thermal interface material perform compared to standard thermal paste?