ATS-06E-08-C2-R0
AI

The **ATS-06E-08-C2-R0** is a high-performance electronic heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for high-power electronic components such as CPUs, GPUs, and power transistors.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Characteristic | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push Pin (Spring Loaded) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 17.78mm |
| **Thermal Resistance (Unducted)** | 14.61 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.33 °C/W @ 100 LFM |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Features
### A. pushPIN™ Attachment System
This heat sink utilizes a specialized push-pin mechanism. This allows for:
* **Secure Mounting:** Spring-loaded pins provide consistent pressure for optimal thermal contact.
* **Ease of Installation:** No specialized tools are required for mounting onto the PCB.
* **Compatibility:** Designed for standard hole patterns (38.00mm pitch).
### B. Fin Design
The "06E" in the part number indicates a specific fin geometry. The fine-pitch design maximizes the surface area within a compact footprint, facilitating better heat dissipation in forced-air environments.
### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766 phase-change material**. This eliminates the need for manual thermal paste application, ensuring a uniform layer that reduces the thermal resistance between the component and the heat sink.
---
## 3. Usage Context
This part is typically used in the following scenarios:
1. **Telecommunications:** Cooling of networking processors.
2. **Industrial Controls:** Managing heat for high-power motor drivers or PLCs.
3. **Computing:** Secondary cooling for chipsets or power delivery modules.
---
- ⤷
What is the significance of the C2 suffix in the part number?
- ⤷ Can this heat sink be used with a custom mounting bracket instead of push-pins?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of this specific model?