AI

The part number **ATS-06E-147-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue" series, designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 10.00mm |
| **Fin Style** | XC-Cut (Cross-Cut) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 13.52°C/W (at 100 LFM) |
| **Pressure Drop** | 0.22 (at 100 LFM) |
---
### 2. Design Characteristics
This heat sink is engineered for versatility and high efficiency in tight spaces.
* **XC-Cut Fin Pattern:** The fins are designed with a cross-cut pattern. This allows for multi-directional airflow, making it effective even if the air direction in the chassis is not perfectly aligned with the heat sink.
* **pushPIN™ Attachment:** It features a spring-loaded attachment mechanism. This ensures constant pressure (load) on the component being cooled, which improves thermal transfer and simplifies installation.
* **Material Choice:** Aluminum provides a balance between lightweight construction and high thermal conductivity. The blue anodized finish protects the aluminum from corrosion and slightly improves emissivity.
---
### 3. Usage Context
In a typical PCB layout, this part is used to manage heat for medium-sized chips.
* **Target Components:** High-speed RAM, small FPGAs, or power management ICs.
* **Thermal Interface:** To be effective, this part requires a **Thermal Interface Material (TIM)**, such as a thermal pad or paste, to bridge the gap between the chip and the aluminum base.
* **Airflow Requirement:** While it can work in passive setups, its performance is optimized for systems with active cooling (fans).
---
### 4. Part Number Breakdown
The nomenclature can be interpreted as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **06:** Series/Type.
* **147:** Specific model/fin configuration.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision/RoHS compliance status.
- ⤷
What are the alternative attachment methods to the pushPIN system?
- ⤷ How does the pressure drop value affect the choice of cooling fans?
- ⤷ Is there a version of this heat sink with a pre-applied thermal interface material?