ATS-06E-16-C2-R0
AI

The **ATS-06E-16-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **ASAP (Advanced SMT Aluminum Passive)** series, designed for cooling electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Passive Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 25.0mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (2-Pin) |
| **Thermal Resistance** | 1.80 °C/W (at 200 LFM) |
---
### 2. Key Electronic Functions
While the heat sink itself is a mechanical part, its role in an electronic circuit is critical for **Thermal Regulation**:
* **Heat Dissipation:** It increases the surface area of a semiconductor package, allowing heat to transfer from the junction to the ambient air via convection.
* **Protection:** By maintaining the operating temperature below the maximum junction temperature ($T_j$), it prevents thermal throttling and permanent component failure.
* **Performance Stability:** Cooling ensures that high-speed transistors maintain consistent switching speeds, as heat increases internal resistance and leakage current.
---
### 3. Physical Features & Mounting
The "C2" and "R0" designations in the part number refer to specific material and environmental compliance standards:
#### **Push-Pin Attachment**
* This model uses a **2-pin push-pin system** with a brass or plastic pin and a compression spring.
* It provides consistent pressure (load) on the component, ensuring high thermal interface material (TIM) performance.
#### **Fin Configuration**
* **Straight Fins:** Optimized for longitudinal airflow. If the device is inside a chassis with a fan, these fins channel air efficiently to maximize heat transfer.
#### **Material Coating**
* **Blue Anodized:** Not just for aesthetics; the anodized layer increases surface emissivity and provides electrical insulation to prevent short circuits if the sink accidentally touches exposed leads.
---
### 4. Thermal Performance Data
The effectiveness of the ATS-06E-16-C2-R0 depends heavily on the airflow (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 1.80 |
| 400 (2.0 m/s) | 1.15 |
| 600 (3.0 m/s) | 0.95 |
---
- ⤷
How do I calculate the required hole pattern on a PCB for the push-pin mounting?
- ⤷ What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ Can this heat sink be used with a thermal pad instead of thermal grease?