ATS-06E-32-C2-R0
AI

The **ATS-06E-32-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed by Advanced Thermal Solutions (ATS) for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Heat Sink Type** | Top Mount / Fin |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | ~21.46°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 12.70mm |
---
### 2. Design and Construction
The design of this specific heatsink is optimized for airflow and mechanical stability within a PCB environment.
* **Fin Profile:** It typically utilizes a **Fine-Pitch** or **Cross-Cut** pattern. This maximizes surface area while maintaining a low profile (12.7mm height), making it ideal for tight enclosures.
* **Thermal Interface Material (TIM):** The "C2" suffix indicates that the unit comes pre-applied with **T766 Phase Change Material**, which ensures efficient heat transfer from the chip to the aluminum base.
* **Push-Pin Mechanism:** Instead of using adhesive tape or screws, it uses a spring-loaded push-pin system. This provides consistent pressure (preload) for better thermal performance and prevents the heatsink from shifting during mechanical shock or vibration.
---
### 3. Thermal Performance Data
Performance varies based on the velocity of the air passing through the fins (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 21.46 |
| 200 (1.0 m/s) | 11.77 |
| 400 (2.0 m/s) | 6.58 |
| 600 (3.0 m/s) | 4.79 |
---
### 4. Typical Applications
This component is used in environments where electronic chips generate significant heat but vertical space is limited:
* **Telecommunications:** Network switches and routers.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Cooling MOSFETs or power regulators.
* **Processors:** Cooling FPGAs, ASICs, or BGAs.
- ⤷
How does the push-pin mounting system compare to adhesive thermal tape?
- ⤷ What are the advantages of blue anodized aluminum in heat sinks?
- ⤷ How do I calculate if the 12.70mm height is sufficient for my specific power dissipation requirements?