ATS-06E-39-C2-R0
AI

The **ATS-06E-39-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "blue ice" push-pin series designed for cooling components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-06E-39-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | ~18.94°C/W (Natural Convection) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design Features
The part is engineered for efficient heat dissipation through several distinct features:
* **Push-Pin Attachment:** The `-R0` suffix indicates a specific mounting kit. It uses a plastic push-pin and spring mechanism that provides the necessary pressure for optimal thermal interface material (TIM) performance without requiring tools.
* **Low Profile:** With a height of only 10mm, this heat sink is ideal for space-constrained applications like 1U rackmount servers or compact embedded systems.
* **Straight Fin Geometry:** This design is optimized for environments where there is a consistent airflow direction (forced convection).
---
### 3. Material and Conductivity
The component is made from **Aluminum 6063**, which is the industry standard for heat sinks due to its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; the anodized surface increases thermal emissivity and protects the aluminum from corrosion.
* **Thermal Interface Material (TIM):** Typically, these units come pre-applied with a "Phase Change" material or a high-performance thermal pad to bridge the microscopic air gaps between the chip and the heat sink.
---
### 4. Part Number Breakdown
Understanding the ATS nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS-06** | Product Series (Standard Push-Pin) |
| **E** | Fin Pattern / Pitch |
| **39** | Footprint/Dimension Code (45mm x 45mm) |
| **C2** | Material/Finish (Blue Anodized Aluminum) |
| **R0** | Mounting Type/Revision (Standard Plastic Push-Pin) |
- ⤷
What is the thermal resistance of this part under forced airflow conditions?
- ⤷ What are the compatible PCB hole sizes for the push-pin mounting?
- ⤷ How does the 'C2' finish compare to 'C1' in thermal performance?