ATS-06E-46-C2-R0
AI

The **ATS-06E-46-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Product Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 45mm x 40mm x 25mm |
| **Thermal Resistance** | 11.74°C/W (Unducted Flow @ 200 LFM) |
| **Fin Style** | Tapered / High-Performance Fin Pattern |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
This part uses a specialized "pushPIN" system. Instead of relying on messy adhesives, it uses a spring-loaded pin mechanism. This provides:
* **Constant Pressure:** Ensures the heat sink maintains firm contact with the electronic chip for maximum heat transfer.
* **Easy Rework:** Can be removed and reattached during hardware debugging without damaging the PCB.
### B. High-Performance Fin Design
The **maxiFLOW™** geometry features a tapered fin design. In electronic enclosures where airflow is limited, this design:
* Reduces pressure drop.
* Increases the surface area for heat convection.
* Maximizes air velocity through the "fin field."
### C. Pre-applied T766 TIM
The "C2" in the part number indicates the thermal interface material.
* It comes with **T766 phase-change material** pre-applied to the base.
* This eliminates the need for manual thermal paste application, reducing assembly time and ensuring a uniform thermal bridge between the component and the aluminum.
---
## 3. Physical Dimensions (mm)
| Length (A) | Width (B) | Height (C) | Pitch (E) | Pitch (F) |
| :--- | :--- | :--- | :--- | :--- |
| 45.00 | 40.00 | 25.00 | 38.00 | 38.00 |
---
## 4. Typical Applications
This heat sink is commonly found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Converters and high-output power modules.
- ⤷
What are the alternative attachment methods to pushPIN for this series?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Can this heat sink be used with active cooling fans?