ATS-06E-47-C2-R0
AI

The **ATS-06E-47-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "superGRIP" series, designed specifically for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 30.0mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Fin Style** | Straight Fin |
| **Attachment Method** | superGRIP (Clip-on) |
| **Thermal Resistance** | 3.95°C/W @ 200 LFM |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. The superGRIP™ Attachment System
This part uses a specialized mechanical attachment rather than adhesive tapes or push-pins.
* **Frame Clip:** A plastic frame (usually PPS) attaches to the component perimeter.
* **Spring Clip:** A metal "U-clip" provides high clamping pressure, ensuring the heat sink stays in place during shock or vibration.
#### B. Material and Finish
* **Aluminum Construction:** Offers a lightweight solution with high thermal conductivity.
* **Blue Anodization:** Not only provides a professional aesthetic but also increases surface emissivity, improving radiation heat transfer and protecting the aluminum from corrosion.
#### C. Thermal Performance
The "C2" in the part number indicates a specific thermal profile. With a height of 30mm, this heat sink is optimized for systems with vertical space but limited horizontal PCB "real estate."
---
### 3. Application Use-Cases
This electronic part is typically found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Supplies:** Cooling voltage regulators or power MOSFETs.
4. **Prototyping:** Used on evaluation boards where components are prone to overheating under stress tests.
---
### 4. Cross-Reference/Part Number Breakdown
| Part Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **06** | Product Series (superGRIP) |
| **E** | Specific Clip/Frame configuration |
| **47** | Size/Geometry code |
| **C2** | Thermal performance/Height characteristic |
| **R0** | RoHS compliant version |
- ⤷
What is the advantage of the superGRIP attachment over traditional thermal tape?
- ⤷ How does the T766 thermal interface material compare to others in the ATS line?
- ⤷ What are the airflow requirements to achieve the optimal 3.95°C/W resistance?