ATS-06E-72-C2-R0
AI

The **ATS-06E-72-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is specifically designed to provide high thermal performance in environments with constrained airflow.
---
## 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this component:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 2.18°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
## 2. Key Design Features
### A. maxiFLOW™ Fin Geometry
The "C2" in the part number refers to a specific fin pattern. The maxiFLOW™ design uses a **tapered fin structure** which increases the surface area while reducing the pressure drop across the heat sink. This makes it highly efficient for "forced air" cooling systems where a fan is pushing air through a chassis.
### B. pushPIN™ Attachment System
The "R0" designation indicates the attachment style. This model uses a **pushPIN™** mechanism:
* **Ease of Assembly:** Features a flexible, tool-free installation.
* **Constant Pressure:** Uses a brass or plastic pin with a stainless steel spring to ensure consistent contact between the heat sink and the component (CPU, GPU, or FPGA).
* **Hole Pattern:** Requires pre-drilled holes in the PCB.
### C. Thermal Interface Material (TIM)
The unit comes with **ATS-T766** pre-applied to the base. This ensures:
1. Elimination of air gaps between the heat source and the aluminum.
2. Consistent thermal conductivity without the mess of manual paste application.
---
## 3. Application Use Cases
This specific heat sink is typically used for cooling high-heat-generating electronic components on a Printed Circuit Board (PCB):
* **Processors:** Microprocessors (CPUs) and Microcontrollers.
* **ASICs/FPGAs:** High-speed integrated circuits used in networking or crypto-mining.
* **Power Electronics:** Voltage regulators and high-current power modules.
---
- ⤷
What are the specific PCB hole dimensions required for the pushPIN™ attachment?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
- ⤷ Is there a low-profile version of this heat sink for 1U server racks?