ATS-06E-80-C2-R0
AI

The **ATS-06E-80-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to cool electronic components like CPUs, GPUs, or power-dense ASICs.
### 1. Technical Specifications
The following table summarizes the core electronic and mechanical parameters of this part:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Part Series** | pushPIN™ Heat Sink | Designed for rapid mounting |
| **Material** | Aluminum | Blue Anodized Finish |
| **Dimensions** | 30mm x 30mm x 15mm | Compact square footprint |
| **Fin Style** | Straight Fin | Optimized for linear airflow |
| **Attachment Type** | Push-Pin | Spring-loaded plastic/brass pins |
| **Thermal Interface** | T766 | Pre-applied thermal phase change material |
| **Thermal Resistance** | 19.03 °C/W (Unducted) | Performance at 100 LFM (0.5 m/s) |
---
### 2. Key Electronic Features
#### A. Thermal Management (Thermal Resistance)
The primary role of this part in a circuit is to lower the junction temperature ($T_j$) of a semiconductor.
* **Performance Scale:** In a high-airflow environment (700 LFM), the thermal resistance drops significantly to approximately **3.62 °C/W**, allowing the electronic component to run at higher clock speeds or power levels without thermal throttling.
#### B. Pre-applied Thermal Interface Material (TIM)
The "C2" in the part number indicates the use of **T766 thermal grease**.
* This is a high-performance material that fills microscopic air gaps between the component die and the heat sink base, ensuring efficient heat transfer.
#### C. Push-Pin Mounting System
This mechanical-electronic interface uses a spring-loaded mechanism:
* **Compression:** Provides consistent pressure across the chip surface.
* **Safety:** Prevents damage to delicate PCB traces by using standardized hole patterns.
---
### 3. Application Use Cases
This specific heat sink is typically found in the following electronic systems:
1. **Networking Hardware:** Cooling small switches and routers.
2. **Embedded Systems:** Industrial PCs and IoT gateways.
3. **Power Electronics:** Dissipating heat from high-current voltage regulators or MOSFET arrays.
---
- ⤷What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How does the T766 thermal material compare to standard thermal pads?
- ⤷ What are the required PCB hole sizes for the push-pin mounting?