ATS-06E-86-C2-R0
AI

The **ATS-06E-86-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for secure attachment to Printed Circuit Boards (PCBs).
### 1. Technical Specifications
The following table summarizes the core technical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-06E-86-C2-R0 |
| **Type** | Top Mount / Push-Pin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 8.82°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
---
### 2. Key Electronic & Mechanical Features
#### A. Fin Design
This model utilizes a **straight-fin** or **cross-cut** design (depending on the specific sub-series configuration) to maximize surface area. The height of 15mm is optimized for low-profile electronic enclosures where vertical space is limited but high heat dissipation is required.
#### B. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the "C2" designation often refers to the specific attachment kit included.
* **Engagement:** The push-pin uses a pre-drilled hole in the PCB.
* **Compression:** A built-in spring provides consistent pressure on the electronic component (CPU, FPGA, or GPU), ensuring an optimal interface with the Thermal Interface Material (TIM).
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that the part comes with **no pre-applied thermal tape** or a specific high-performance pad (T766). Users generally apply their own thermal paste or pad to ensure a low-resistance thermal path between the semiconductor and the aluminum fins.
---
### 3. Application Use Cases
This component is commonly found in the following electronic systems:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** Heat management for SoCs (System on Chips).
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
4. **Industrial PCs:** Ensuring stability in fanless or low-airflow environments.
---
- ⤷
What are the different types of push-pin materials available for this heat sink?
- ⤷ How does the thermal resistance change at higher airflow speeds (LFM)?
- ⤷ What is the recommended hole diameter for the PCB attachment?