AI

The **ATS-06F-05-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient heat dissipation in compact electronic systems.
---
### 1. Key Technical Specifications
The model number encodes specific data regarding its size, material, and attachment method.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | 0.94 °C/W (at 200 LFM) |
---
### 2. Design and Construction
#### Fin Configuration
This heatsink uses a **Fine Pitch** design with a cross-cut pattern. This increases the surface area significantly, allowing for better heat transfer in systems with high-velocity airflow (forced convection).
#### Material and Finish
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Coating:** Provides corrosion resistance and slightly improves radiative heat transfer.
#### Thermal Interface Material (TIM)
The "C3" in the part number often indicates the type of pre-applied thermal interface. This model usually comes with **T412**, a high-performance phase-change material or thermal tape, ensuring there are no air gaps between the heatsink base and the electronic component (CPU/GPU/FPGA).
---
### 3. Attachment Mechanism: pushPIN™
The "06F" designation refers to the specific push-pin and spring combination used for mounting.
* **Reliability:** The spring-loaded mechanism provides consistent pressure across the chip surface, preventing damage from over-tightening.
* **Installation:** It requires pre-drilled holes in the PCB. The pins snap into place, making it ideal for high-volume manufacturing environments.
* **Security:** Unlike adhesive tapes, the push-pin system is vibration-resistant and ensures the heatsink remains seated during mechanical shock.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (Measured in Linear Feet per Minute - LFM):
| Airflow Velocity | 100 LFM | 200 LFM | 400 LFM | 600 LFM |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | ~1.50 | 0.94 | 0.60 | 0.45 |
---
### 5. Common Applications
* **High-Speed Networking:** Routers, switches, and fiber-optic equipment.
* **Processing Units:** Cooling FPGAs, ASICs, and high-end microprocessors.
* **Power Electronics:** DC-DC converters and power modules that generate localized heat.
- ⤷
What is the difference between Blue Anodized and Gold Anodized finishes in ATS heatsinks?
- ⤷ How do I calculate if the 0.94 °C/W thermal resistance is sufficient for my 50W chip?
- ⤷ Are there alternative mounting options for this heatsink if my PCB lacks holes?