ATS-06F-110-C2-R1
AI

The **ATS-06F-110-C2-R1** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for the thermal management of electronic components such as CPUs, GPUs, and other high-heat-density integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 25.00mm |
| **Thermal Resistance** | 0.85°C/W (@ 200 LFM) |
| **Fin Style** | XC (Cross-Cut) / Straight Fin |
| **Spring Type** | Brass |
---
### 2. Key Electronic Components & Features
#### A. The Heat Sink Body
The main body is made of **Aluminum 6063**, chosen for its excellent thermal conductivity-to-weight ratio. The "XC" pattern indicates a cross-cut design, which allows for multi-directional airflow, making it more effective in systems where air direction might be turbulent or inconsistent.
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the **R1** variant uses a mechanical push-pin system.
- **Springs:** Includes high-tension springs that provide precise downward pressure (TIM - Thermal Interface Material compression), ensuring a flat contact between the component and the sink.
- **Hardware:** Uses plastic push-pins and brass springs to prevent corrosion and electrical shorts while maintaining structural integrity.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number typically refers to the pre-applied thermal interface.
- **ATS-54:** A high-performance phase-change material or thermal grease is usually pre-applied to the base to fill microscopic air gaps between the heat sink and the electronic chip.
---
### 3. Application Use Cases
This part is commonly used in the following electronic sectors:
1. **Telecommunications:** Cooling high-speed switching chips.
2. **Industrial PC (IPC):** Ensuring stability for processors in fanless or high-vibration environments.
3. **Power Electronics:** Managing heat for large MOSFET arrays or power modules.
---
### 4. Thermal Performance Comparison
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). A lower number indicates better heat dissipation.
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 0.85 |
| 400 (2.0 m/s) | 0.61 |
| 600 (3.0 m/s) | 0.52 |
- ⤷
What are the mounting hole requirements for the push-pin installation?
- ⤷ How does blue anodization affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom fan attachment?