ATS-06F-111-C2-R1
AI

The **ATS-06F-111-C2-R1** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | push-PIN™ |
| **Fin Type** | XCUT (Cross-Cut) |
| **Dimensions (L x W x H)** | 60mm x 60mm x 10mm |
| **Thermal Resistance** | 2.67°C/W (at 100 LFM) |
| **Spring Type** | ATS-HK118-R0 |
---
## 2. Key Components & Features
### A. The "XCUT" Fin Design
This model uses a **Straight Fin/Cross-cut** geometry. Unlike standard straight fins, the XCUT pattern allows for airflow from multiple directions. This is critical in high-density PCB layouts where the direction of the cooling fan's exhaust might be unpredictable or obstructed.
### B. push-PIN™ Attachment System
Instead of using messy thermal adhesives or tapes, this part uses a mechanical push-pin system:
* **Spring-loaded:** Ensures consistent pressure across the interface for optimal heat transfer.
* **Reliability:** Reduces the risk of the heat sink detaching due to vibration or thermal expansion.
* **Hole Pattern:** Specifically designed for a pre-drilled PCB layout (usually 53mm spacing for this series).
### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates the type of thermal interface.
* **Material:** T766 (Phase change or high-performance grease).
* **Purpose:** Fills microscopic air gaps between the heat sink base and the electronic chip to maximize thermal conductivity.
---
## 3. Engineering Application
This heat sink is typically used in industrial and telecommunications hardware.
1. **Mounting:** The pins are pushed through holes in the PCB and click into place.
2. **Heat Transfer:** Heat moves from the component (heat source) through the T766 interface into the aluminum base.
3. **Dissipation:** The blue anodized fins increase surface area, allowing air (convection) to carry the heat away.
---
- ⤷
What are the specific hole pattern dimensions required for the ATS-06F-111-C2-R1?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to unfinished aluminum?
- ⤷ Can this heat sink be used with a custom fan attachment?