ATS-06F-119-C3-R0
AI

The **ATS-06F-119-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table breaks down the core physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum (Body) / Copper (optional base variation) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm |
| **Height (Fin)** | 20mm |
| **Thermal Resistance** | 4.77°C/W (at 100 LFM) |
| **Flow Orientation** | Fine-pitch (Straight Fin) |
---
### 2. Breakdown of the Part Number Structure
Understanding the alphanumeric code helps in identifying its compatibility:
* **ATS**: Brand (Advanced Thermal Solutions).
* **06**: Product Series.
* **F**: Fin pitch/density (F usually denotes Fine pitch for high airflow).
* **119**: Specific dimension/geometry code.
* **C3**: Thermal Interface Material (TIM). C3 indicates that **Phase Change Material** is pre-applied to the base.
* **R0**: RoHS compliance status (Lead-free).
---
### 3. Key Electronic Components & Design
The ATS-06F-119-C3-R0 consists of three main electronic/mechanical elements:
#### A. The Fin Array
The "Fine Pitch" design provides a high surface-area-to-volume ratio. This is critical for cooling power-dense components like FPGAs, CPUs, or high-speed networking chips where space is limited but heat output is high.
#### B. The Push-Pin Mounting System
Instead of using messy thermal adhesives or complex brackets, this part uses a **spring-loaded push-pin** mechanism.
* **Benefit:** It provides consistent pressure across the chip surface (TIM compression), which improves thermal transfer and allows for easy maintenance or replacement.
#### C. Thermal Interface Material (TIM)
The "C3" designation means the bottom surface comes with a pre-applied layer of thermal pad or paste. This fills the microscopic air gaps between the heat source (the chip) and the heat sink base, ensuring maximum heat conduction.
---
### 4. Typical Applications
This component is commonly found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Voltage regulators and power modules.
- ⤷
What is the difference between Blue Anodized and Black Anodized finishes in heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Are there alternative mounting options if my PCB does not have push-pin holes?