ATS-06F-125-C2-R0
AI

The **ATS-06F-125-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components like CPUs, GPUs, and power modules.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | push-PIN™ |
| **Thermal Resistance** | 8.91°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 50mm x 50mm x 30mm |
| **Weight** | 125 grams |
| **Compliance** | RoHS-6 and REACH Compliant |
---
### 2. Design Characteristics
The component belongs to the **push-PIN™ Heat Sink System**, which focuses on ease of installation and thermal efficiency.
* **Fine Pitch Fin Design:** The "F" in the part number indicates a fine-pitch fin pattern. This increases the surface area for heat dissipation, making it ideal for high-velocity airflow environments.
* **push-PIN™ Mounting:** It utilizes a flexible attachment system that includes a pre-drilled hole pattern and a spring-loaded pin. This ensures consistent pressure across the component for maximum thermal transfer.
* **Thermal Interface Material (TIM):** It typically comes with a pre-applied **T766** thermal pad or similar, ensuring a reliable bond between the heat sink and the electronic chip.
---
### 3. Thermal Performance Data
Performance varies based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 8.91 |
| 200 | 1.0 | 4.61 |
| 300 | 1.5 | 3.53 |
| 400 | 2.0 | 3.01 |
---
### 4. Part Number Breakdown
```text
ATS - 06 - F - 125 - C2 - R0
| | | | | |
| | | | | +-- Revision Code
| | | | +------- Color/Finish (Blue Anodized)
| | | +------------- Height (30mm)
| | +------------------ Fin Pitch (Fine)
| +----------------------- Series Number
+---------------------------- Manufacturer (Advanced Thermal Solutions)
```
- ⤷
What are the alternative mounting options if push-pins cannot be used?
- ⤷ How does the blue anodized finish impact the thermal performance?
- ⤷ What is the maximum operating temperature for the T766 thermal interface material?