ATS-06F-128-C2-R0
AI

The **ATS-06F-128-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.91°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 25mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
---
### Key Electronic Components & Features
#### 1. Heat Sink Body (The Fin Array)
The "06F" in the part number indicates a specific fin geometry. The heat sink uses a **cross-cut** or **pin-fin** design. This increases the surface area significantly compared to a solid block, allowing air to circulate between the fins and carry away heat more efficiently via convection.
#### 2. Thermal Interface Material (TIM)
Most "C2" variants in this series come pre-applied with **T766 thermal phase change material** or a high-performance thermal grease. This component fills the microscopic air gaps between the heat sink base and the electronic chip (the heat source), ensuring maximum heat transfer.
#### 3. PushPIN™ Attachment System
Instead of simple adhesive, this part uses a mechanical attachment system consisting of:
* **Brass/Plastic Push-Pins:** These go through pre-drilled holes in the PCB.
* **Compression Springs:** These provide precise, uniform pressure (clamping force) on the electronic component. This is critical for maintaining consistent thermal contact without cracking the silicon die.
#### 4. Blue Anodized Coating
The surface is treated with a blue anodized finish. While aesthetically pleasing, it serves two functional purposes:
* **Corrosion Resistance:** Protects the aluminum from oxidation.
* **Emissivity:** Slightly improves heat dissipation through radiation.
---
### Usage in Circuits
This part is typically used for cooling components with a high **TDP (Thermal Design Power)**. It is often found in:
* Networking equipment (routers/switches).
* Industrial power supplies.
* Embedded computing boards where active cooling (fans) may not be feasible or where supplementary passive cooling is required.
- ⤷
What is the significance of the 'C2' suffix in the ATS part numbering system?
- ⤷ How do I calculate if the 2.91°C/W thermal resistance is sufficient for my specific chip?
- ⤷ What is the recommended hole pattern for the pushPIN attachment on a PCB?