ATS-06F-134-C2-R0
AI

The **ATS-06F-134-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**. It is manufactured by Advanced Thermal Solutions (ATS) as part of their "pushPIN™" series.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-06F-134-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Fin Type** | Fine-Pitch |
| **Fin Pattern** | Cross-Cut |
| **Thermal Resistance** | 4.44 °C/W (at 100 LFM) |
| **Dimensions** | 70mm x 70mm x 15mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### ## Detailed Breakdown of Features
### 1. The pushPIN™ Attachment System
This heat sink uses a specific mechanical mounting system called **pushPIN™**.
* **Hardware:** It consists of a plastic or brass pin and a stainless steel compression spring.
* **Benefit:** Provides a precise and consistent pressure across the component (like a CPU or GPU), ensuring optimal heat transfer and preventing damage to the PCB.
### 2. Fin Geometry: Fine-Pitch & Cross-Cut
The "Fine-Pitch" design increases the surface area for heat dissipation. The "Cross-Cut" pattern allows for **omni-directional airflow**, meaning the cooling efficiency is maintained regardless of which direction the air enters the fin array.
### 3. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base.
* This eliminates the need for separate thermal paste.
* It fills microscopic air gaps between the component and the heat sink base to improve thermal conductivity.
### 4. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization protects the aluminum from corrosion and slightly improves the emissivity of the surface.
---
### ## Applications
This specific heat sink is typically used for:
* **High-speed processors:** FPGAs, ASICs, and high-performance CPUs.
* **Telecommunications equipment:** Network switches and routers.
* **Industrial Electronics:** Power supplies and motor controllers where vertical space is limited (15mm height).
- ⤷
What is the significance of the 4.44 °C/W thermal resistance rating?
- ⤷ How does the pushPIN mounting compare to traditional adhesive thermal tape?
- ⤷ Can this heat sink be used in a passive cooling setup without a fan?