ATS-06F-142-C1-R0
AI

The **ATS-06F-142-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "Push-Pin" series designed for cooling electronic components such as processors, chipsets, and GPUs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Base Dimensions** | 30.00mm x 30.00mm |
| **Height** | 15.00mm |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) with Compression Spring |
| **Thermal Resistance** | ~11.75°C/W (at 100 LFM) |
| **Fin Style** | Straight |
---
### 2. Key Electronic Components & Features
The ATS-06F-142-C1-R0 consists of several sub-components that work together to manage thermal energy:
#### A. The Heat Sink Body
* **Material:** Made of high-grade aluminum. It absorbs heat from the electronic component (Source) and dissipates it into the surrounding air.
* **Fin Configuration:** The straight-fin design is optimized for environments with high airflow (forced convection), allowing air to pass through the channels efficiently.
#### B. The Attachment System (Push-Pins)
* **Hardware:** Uses two brass push-pins.
* **Springs:** Compression springs ensure constant, uniform pressure between the heat sink and the electronic chip, which is critical for maximizing thermal transfer.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied:** This specific model typically comes with **ATS-PPS-06** (or similar) thermal tape or grease pre-applied to the base.
* **Function:** It fills microscopic air gaps between the chip surface and the heat sink base to lower thermal resistance.
---
### 3. Application Use Cases
This part is commonly found in the following electronic systems:
1. **Telecommunications:** Cooling of networking switches and routers.
2. **Embedded Systems:** For industrial PCs and motherboards.
3. **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown
```text
ATS - 06 - F - 142 - C1 - R0
| | | | | |
| | | | | +-- Revision Code
| | | | +------- Color/Finish (Blue Anodized)
| | | +------------- Dimensional Code (30x30x15mm)
| | +------------------ Fin Style (Straight)
| +----------------------- Series (Push-Pin)
+---------------------------- Brand (Advanced Thermal Solutions)
```
- ⤷
How do I calculate the thermal resistance needed for my specific CPU?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes for heat sinks?
- ⤷ Are there alternative attachment methods to Push-Pins for this heat sink size?