ATS-06F-148-C3-R0
AI

The **ATS-06F-148-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 8.73°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 15.0mm |
| **Fin Style** | XC-CUT (High-flow cross-cut) |
---
### 2. Design Characteristics
This heat sink is part of the **pushPIN™** line, which is characterized by several engineering features:
* **Fin Geometry:** It uses a cross-cut (XC-CUT) fin pattern. This design allows for better airflow from multiple directions, making it more efficient in systems where air direction might fluctuate.
* **Attachment Mechanism:** It utilizes a push-pin and compression spring system. This ensures even pressure across the component surface, optimizing the thermal interface material (TIM) performance.
* **Material properties:** The AL6063 aluminum alloy provides a balance between high thermal conductivity and structural rigidity.
---
### 3. Thermal Performance Data
Performance varies based on the airflow (Velocity) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (Unducted) |
| :--- | :--- |
| 100 (0.5 m/s) | 8.73 °C/W |
| 300 (1.5 m/s) | 4.12 °C/W |
| 500 (2.5 m/s) | 3.19 °C/W |
| 700 (3.5 m/s) | 2.73 °C/W |
---
### 4. Typical Applications
* **Embedded Systems:** Cooling processors in industrial computers.
* **Telecommunications:** Cooling ASICs in networking switches and routers.
* **Power Electronics:** Dissipating heat from MOSFETs and voltage regulators.
---
### 5. Installation Note
To use this part effectively, the PCB must have pre-drilled holes matching the 30.0mm x 30.0mm pitch required for the push-pins. It is also recommended to use a high-quality Thermal Interface Material (TIM) between the component and the heat sink base.
- ⤷What is the hole pattern requirement for the PCB to mount this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom fan attachment?