ATS-06F-172-C3-R0
AI

The **ATS-06F-172-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed specifically for thermal management in electronic systems.
---
### ## Technical Specifications
Below is a breakdown of the physical and thermal properties of this component:
| Specification | Details |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30.00 mm x 30.00 mm x 25.00 mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance (Unducted)** | 5.94 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.88 °C/W @ 100 LFM |
| **Pitch** | Fine-Pitch |
| **Pattern** | XC-Cut |
---
### ## Key Electronic Components & Features
#### 1. Heat Sink Geometry (XC-Cut)
The "XC-Cut" refers to a cross-cut straight fin design. This is crucial for electronics because:
* **Multidirectional Airflow:** Unlike standard straight fins, cross-cut fins allow air to enter from multiple angles, which is ideal for crowded PCBs where airflow direction might be unpredictable.
* **Surface Area:** The fine-pitch design maximizes the surface area available for heat dissipation relative to the small 30x30mm footprint.
#### 2. Attachment Mechanism (pushPIN™)
The part uses a specialized mechanical attachment rather than thermal adhesive:
* **Spring-Loaded Pins:** These provide consistent pressure (clamping force) across the surface of the processor or component, ensuring a reliable thermal interface.
* **Reliability:** Mechanical fasteners are preferred in high-vibration environments (like industrial or automotive electronics) where adhesive might fail.
#### 3. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with **T412 TIM** or a similar pre-applied phase-change material.
* **Purpose:** It fills microscopic air gaps between the heat sink base and the electronic component (CPU, GPU, or MOSFET) to improve heat transfer.
---
### ## Common Applications
This specific size and thermal profile are commonly used for:
* **Processors/SoCs:** Small form-factor CPUs or ARM-based processors.
* **Power Electronics:** Voltage regulators and high-power MOSFETs.
* **Telecommunications:** Network switches and routers where board space is limited.
- ⤷
What are the advantages of blue anodized finishes in thermal management?
- ⤷ How does ducted vs. unducted airflow impact the thermal resistance of this heat sink?
- ⤷ Can the pushPIN mechanism be reused if the electronic component needs to be replaced?