ATS-06F-199-C3-R0
AI

The **ATS-06F-199-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part number:
| Property | Description / Value |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Thermal Resistance** | 15.91°C/W (at 100 LFM) to 6.91°C/W (at 700 LFM) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 6.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Key Components & Design Features
#### A. The Heat Sink Body
The body is made of **Aluminum**, which offers a high thermal conductivity-to-weight ratio. The **Blue Anodized** coating is not just for aesthetics; it provides surface protection against corrosion and increases the emissivity of the surface, slightly improving radiative cooling.
#### B. pushPIN™ Attachment Mechanism
Unlike traditional adhesive tapes or clips, this part uses the **pushPIN™** system:
- **Flexible Spring:** Ensures consistent pressure (clamping force) against the component for optimal heat transfer.
- **Easy Installation:** Pre-drilled holes allow for quick mounting to the PCB without complex tools.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually denotes that the part comes with **no pre-applied thermal interface material**, or it uses a specific standard pad. Users typically apply their own high-performance thermal paste or pad to fill the microscopic air gaps between the component and the heat sink base.
---
### 3. Application Use Cases
This specific model is a "Low Profile" heat sink (only 6mm high), making it ideal for:
* **1U Rack Servers:** Where vertical space is extremely limited.
* **Embedded Systems:** Industrial PCs with tight enclosures.
* **Telecommunications:** High-density line cards.
---
### 4. Thermal Performance Comparison (LFM)
Airflow (Linear Feet per Minute) significantly impacts the cooling efficiency of this part:
```markdown
LFM (Velocity) | Thermal Resistance (°C/W)
---------------|-------------------------
100 | 15.91
300 | 8.35
500 | 6.91
700 | 5.82
```
- ⤷
What is the difference between Blue Anodized and Clear Anodized heat sinks?
- ⤷ How do I calculate the required LFM for my specific chip?
- ⤷ What are the dimensions for the PCB mounting holes for the pushPIN system?