ATS-06F-200-C3-R0
AI

The **ATS-06F-200-C3-R0** is a high-performance electronic thermal management component, specifically an aluminum heat sink designed for cooling integrated circuits (ICs) and other electronic packages.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 5.00mm |
| **Fin Type** | Fine Pitch (Cross-cut) |
| **Thermal Resistance** | 9.90°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Physical Design Features
* **Low Profile:** Standing at only **5mm high**, this heat sink is designed for height-constrained environments such as 1U servers, laptops, or compact embedded systems.
* **Fin Pattern:** It uses a cross-cut pattern which allows for multi-directional airflow. This makes it efficient even if the airflow direction in the chassis is not perfectly aligned with the heat sink.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T412** phase-change material pre-applied to the base, ensuring optimal heat transfer from the chip to the aluminum.
---
### 3. Electronic Application
This part is used to protect sensitive electronic components from **thermal throttling** or permanent damage. Common applications include:
1. **CPUs/GPUs:** Cooling low-power processors or mobile chipsets.
2. **FPGAs/ASICs:** Managing heat in high-speed logic devices.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown
```text
ATS - 06 - F - 200 - C3 - R0
| | | | | |
| | | | | └─ Revision Code
| | | | └────── Thermal Performance/Color (Blue Anodized)
| | | └──────────── Product Width/Size Reference
| | └───────────────── Fin Style (Fine Pitch)
| └────────────────────── Series Number
└──────────────────────────── Manufacturer (Advanced Thermal Solutions)
```
- ⤷
What is the significance of the 'Blue Anodized' finish for heat sinks?
- ⤷ How do I calculate if 9.90°C/W thermal resistance is sufficient for my chip?
- ⤷ What are the advantages of push-pin mounting over adhesive tape?