ATS-06F-201-C2-R0
AI

The **ATS-06F-201-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, ASICs, and GPUs.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Heat Sink Type** | Push Pin (Spring Loaded) |
| **Dimensions** | 50mm x 50mm x 12mm |
| **Fin Pattern** | Straight Fin |
| **Thermal Resistance** | 8.17°C/W (at 100 LFM) |
| **Attachment Method** | Push Pins with Brass Springs |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Model Name
Electronic components often use "smart" part numbers. Here is the breakdown for this specific model:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **06**: Fin pitch/style category.
* **F**: Fin geometry (Flat/Straight).
* **201**: Specific dimensions and hole pattern code.
* **C2**: Color and Finish (Blue Anodized).
* **R0**: Revision or RoHS compliance status.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its role in an electronic circuit is critical:
1. **Thermal Management**: It increases the surface area of a hot component (like an FPGA), allowing heat to dissipate into the surrounding air via convection.
2. **Mechanical Attachment**: The use of **Push Pins** ensures consistent pressure between the heat sink and the chip. This prevents air gaps that would otherwise act as insulators.
3. **EMI Shielding**: To a minor extent, grounded aluminum heat sinks can help reduce electromagnetic interference (EMI) from high-speed processors.
4. **Interface Integrity**: The pre-applied **T766 thermal grease** ensures maximum heat transfer efficiency without the user needing to apply external paste.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (Linear Feet per Minute - LFM) inside the electronic enclosure:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural Convection) | 8.17 |
| 200 | 4.48 |
| 300 | 3.24 |
| 400 | 2.60 |
---
- ⤷
What are the mechanical hole dimensions required on the PCB for this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with different fin heights for tighter enclosures?