ATS-06F-29-C1-R0
AI

The **ATS-06F-29-C1-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series of high-performance heat sinks.
Below is a detailed breakdown of its specifications and electronic application properties.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-06F-29-C1-R0 |
| **Type** | Heat Sink (Thermal Management) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 7.56°C/W (at 200 LFM) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Fin Style** | maxiFLOW (Tapered Fin) |
---
### 2. Key Design Elements
#### A. The maxiFLOW™ Fin Pattern
The "F" in the part number indicates the maxiFLOW fin design. Unlike standard rectangular fins, these are tapered and spread outward. This design:
* Reduces pressure drop.
* Increases the surface area available for convection.
* Maximizes airflow through the heat sink in constrained spaces.
#### B. pushPIN™ Attachment System
This part uses a specific hardware mounting system:
* **Component:** Includes a flexible spring and a plastic/brass pin.
* **Benefit:** Provides a consistent, pre-determined pressure (clamping force) on the electronic chip, ensuring optimal thermal contact with the Thermal Interface Material (TIM).
#### C. Material and Coating
* **Aluminum 6063:** Provides a balance of lightweight construction and high thermal conductivity.
* **Blue Anodized Finish:** Not only provides aesthetic value but also increases corrosion resistance and slightly improves radiative heat transfer.
---
### 3. Electronic Application
This part is typically used for cooling mid-range integrated circuits (ICs) such as:
1. **Processors (CPUs/GPUs):** Low-power embedded processors.
2. **FPGAs:** Field Programmable Gate Arrays used in telecommunications.
3. **ASICs:** Application-Specific Integrated Circuits in networking gear.
---
### 4. Thermal Performance (Deg C/W)
Thermal resistance varies based on the airflow (Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 7.56 |
| 400 | 2.0 | 3.06 |
| 600 | 3.0 | 2.22 |
- ⤷
What is the difference between pushPIN and adhesive mounting for this part?
- ⤷ How do I calculate the junction temperature using this heat sink's thermal resistance?
- ⤷ Are there alternative colors or finishes available for the ATS-06F series?