ATS-06F-37-C3-R0
AI

The **ATS-06F-37-C3-R0** is a high-performance thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 9.10°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 22.86mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
## Key Components & Features
### 1. The Heat Sink Body
* **Material:** Constructed from high-grade aluminum for a balance between weight and thermal conductivity.
* **Fin Design:** It uses a **straight-fin** pattern which is optimized for airflow directed across the board.
* **Anodization:** The blue anodized finish provides corrosion resistance and improves thermal radiation properties.
### 2. Attachment Mechanism (Push-Pins)
Unlike adhesive-based heat sinks, the "Push-Pin" system uses:
* **Brass/Plastic Pins:** Two or more pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These provide precise, consistent pressure against the component, ensuring maximum thermal contact while preventing board warping.
### 3. Thermal Interface Material (TIM)
The part number suffix **"C3"** indicates the thermal performance grade, and it comes with **T412** pre-applied.
* This material fills microscopic air gaps between the component and the heat sink.
* It is "Phase Change" or high-conductivity grease designed for high-reliability environments.
---
## Performance Metrics
| Airflow Velocity | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 LFM (0.5 m/s) | 9.10 |
| 200 LFM (1.0 m/s) | 3.80 |
| 400 LFM (2.0 m/s) | 2.10 |
| 600 LFM (3.0 m/s) | 1.60 |
---
## Common Use Cases
* **Embedded Systems:** Cooling industrial microprocessors.
* **Telecommunications:** Managing heat in networking switches and routers.
* **Power Electronics:** Dissipating heat from high-speed voltage regulators.
- ⤷
What are the PCB hole diameter requirements for the push-pin mounting?
- ⤷ How does the T412 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?