Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06F-42-C2-R0

  • AI
    The **ATS-06F-42-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors. --- ### 1. Technical Specifications The part number itself contains encoded information regarding its dimensions and material properties. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | 4.31°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 25mm | | **Fin Style** | Straight Fin | --- ### 2. Physical Design Elements This component utilizes several mechanical features to ensure reliability and thermal efficiency: * **Heat Sink Profile:** It features a **Straight Fin** design, which is optimal for systems with a steady, directed airflow (longitudinal flow). * **Attachment Mechanism:** It uses a **Push-Pin** system with a compression spring. This ensures consistent pressure between the heat sink and the component, maximizing thermal transfer while allowing for easy installation on a PCB. * **Material:** Made of high-grade aluminum, which offers a balance between thermal conductivity, weight, and cost-effectiveness. --- ### 3. Thermal Performance (Flow Rate) The efficiency of this heat sink varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM): | Air Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 (Natural Convection) | 7.31 | | 200 | 4.31 | | 300 | 3.32 | | 400 | 2.85 | | 500 | 2.57 | --- ### 4. Common Applications * **Embedded Systems:** Cooling processors on industrial motherboards. * **Networking Gear:** Heat dissipation for high-speed switches and routers. * **Power Supplies:** Managing the temperature of MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the push-pin mounting on this model?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used with a thermal pad instead of thermal paste?