AI

The **ATS-06F-47-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. These components are critical in preventing semiconductor failure by dissipating heat from integrated circuits (ICs) like CPUs, GPUs, or power transistors.
---
## 1. Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Part Number** | ATS-06F-47-C3-R0 | Manufacturer: Advanced Thermal Solutions |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Enhances emissivity and prevents corrosion |
| **Attachment Method** | Push-Pin (Spring Loaded) | Provides consistent pressure and secure mounting |
| **Thermal Interface** | T412 (Phase Change) | Pre-applied material to fill microscopic air gaps |
| **Dimensions** | 45mm x 45mm x 25mm | Standard square footprint |
| **Fin Pattern** | Straight Fin | Optimized for longitudinal airflow |
---
## 2. Key Features and Electronic Functionality
### A. Material Science (Aluminum 6063)
The heatsink is made of Aluminum 6063. In electronics, aluminum is chosen over copper for this specific model to balance weight and cost while maintaining a high thermal transfer rate. The **Blue Anodized** finish isn't just for aesthetics; the chemical coating improves radiation heat transfer and provides electrical insulation to the surface of the sink.
### B. Thermal Performance
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). For the ATS-06F-47-C3-R0, the performance varies based on airflow:
* **Passive (No Airflow):** High thermal resistance.
* **Active (Forced Air):** Significantly lower resistance, allowing the electronic component underneath to run at higher clock speeds or power levels without throttling.
### C. Mechanical Attachment (Push-Pin)
Unlike "peel-and-stick" adhesive heat sinks, this part uses a **Brass Push-Pin with a Stainless Steel Spring**. This is vital for electronic reliability because:
1. It ensures **Constant Pressure** across the silicon die.
2. It allows for **Thermal Expansion** without cracking the solder joints of the BGA (Ball Grid Array) component.
---
## 3. Comparison of Mounting Styles
```markdown
Comparison of ATS Mounting Options:
- Push-Pin (R0): High vibration resistance, permanent holes required in PCB.
- Thermal Tape: Low cost, no PCB holes, prone to falling off over time.
- Clip-On: Good for retrofitting, but adds mechanical stress to the chip package.
```
---
- ⤷
What are the specific thermal resistance values for this heatsink at different LFM (Linear Feet per Minute) speeds?
- ⤷ How do I calculate the correct hole diameter on the PCB for the push-pin mounting?
- ⤷ Is the T412 thermal interface material conductive or non-conductive?