Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06F-53-C1-R0

  • AI
    The **ATS-06F-53-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling processors and other high-heat surface-mount components. ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push Pin (Brass) | | **Dimensions (L x W x H)** | 35mm x 35mm x 30mm | | **Thermal Resistance** | 1.42°C/W (@ 200 LFM) | | **Fin Style** | Straight (Cross-Cut for airflow) | | **Compliance** | RoHS Compliant | --- ### 2. Key Electronic & Physical Components #### A. The Heat Sink Body The body is constructed from high-grade aluminum. It uses a "cross-cut" fin pattern, which allows for multi-directional airflow. This is critical in electronic enclosures where the direction of air from cooling fans may not be perfectly aligned with the heat sink. #### B. The Push Pin Attachment Instead of using messy thermal adhesive tapes or epoxy, this part uses **Brass Push Pins** with a built-in spring mechanism. * **Purpose:** To provide consistent pressure (clip load) across the interface between the heat sink and the chip. * **Reliability:** Mechanical fasteners are preferred in high-vibration environments (like industrial servers) where adhesive might fail over time. #### C. Thermal Interface Material (TIM) The "R0" designation typically implies the inclusion of a pre-applied **Thermal Interface Material**. * This is a thin layer of phase-change material or thermal grease located on the base of the heat sink. * **Function:** It fills microscopic air gaps between the heat sink and the electronic component (CPU/GPU/ASIC) to maximize heat transfer efficiency. --- ### 3. Application Use Cases This specific part is commonly found in the following electronic systems: 1. **Telecommunications:** Cooling for high-speed routers and switches. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Managing heat for large MOSFET arrays or voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
    • ⤷ What are the advantages of blue anodizing over plain aluminum?
    • ⤷ What hole pattern is required on the PCB for the ATS-06F-53-C1-R0?