ATS-06F-61-C3-R0
AI

The **ATS-06F-61-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
### Technical Specifications
This part belongs to the "pushPIN™" series and is designed for integrated circuits (ICs) and other heat-generating electronic components.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-06F-61-C3-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 22.07 °C/W (at 100 LFM) |
| **Flow Pattern** | Straight-Fin |
---
### Key Electronic Components & Features
#### 1. Heat Sink Body (Aluminum)
The core of the part is made from 6063-grade aluminum. Aluminum is chosen for electronic parts due to its high thermal conductivity and lightweight properties, allowing it to draw heat away from a processor or power transistor efficiently.
#### 2. Thermal Interface Material (TIM)
* **Pre-Applied:** The "R0" designation typically indicates that the part comes with **T412** thermal interface material.
* **Function:** This fills the microscopic air gaps between the electronic component (CPU/GPU/MOSFET) and the heat sink base to maximize heat transfer.
#### 3. Attachment Mechanism (pushPIN™)
Instead of adhesive or simple clips, this part uses a precision spring-loaded mechanism:
* **Springs:** Provide consistent pressure (Force) across the electronic package to ensure optimal thermal contact.
* **Hardware:** Available in brass or plastic pins depending on the specific assembly requirements.
---
### Thermal Performance Profile
The effectiveness of this part in an electronic circuit depends on the airflow (LFM - Linear Feet per Minute).
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 22.07 |
| 200 | 1.0 | 10.18 |
| 400 | 2.0 | 5.17 |
| 600 | 3.0 | 3.77 |
---
### Application in Electronics
* **BGA Cooling:** Primarily used for Ball Grid Array (BGA) components.
* **Power Supplies:** Cooling voltage regulators and power management ICs.
* **Telecommunications:** Cooling chips in routers, switches, and high-speed data equipment where space (10mm height) is limited.
- ⤷What is the difference between straight-fin and cross-cut fin designs in heat sinks?
- ⤷ How do I calculate if the 10mm height is sufficient for my electronic enclosure?
- ⤷ What are the advantages of using pushPIN over thermal tape?