Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06F-69-C1-R0

  • AI
    ### Technical Overview: ATS-06F-69-C1-R0 The **ATS-06F-69-C1-R0** is a high-performance **Heatsink** designed for thermal management of electronic components, specifically integrated circuits (ICs) like CPUs, GPUs, or high-power transistors. It is manufactured by **Advanced Thermal Solutions (ATS)** and belongs to their "push-pin" series. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Number** | ATS-06F-69-C1-R0 | | **Material** | Aluminum (Body) / Blue Anodized Finish | | **Attachment Type** | Push-Pin (2-Pin configuration) | | **Thermal Resistance** | 11.46°C/W (at 100 LFM) | | **Dimensions** | 45mm x 45mm x 20mm | | **Pressure Type** | High-performance springs | | **Thermal Interface** | Pre-applied T766 Phase Change Material | --- ### 2. Physical Design & Features #### A. Fin Geometry This part uses a **Straight Fin** design. Straight fins are optimized for unidirectional airflow. The design ensures maximum surface area to dissipate heat while minimizing pressure drop across the heatsink. #### B. Mounting Mechanism (Push-Pin) The "R0" designation refers to the mounting assembly. * **Ease of Install:** Uses plastic push-pins that click into pre-drilled PCB holes. * **Compression Springs:** Built-in springs provide precise pressure to ensure a tight bond between the heatsink base and the chip, improving heat transfer. #### C. Blue Anodized Finish The surface is treated with a blue anodized coating. This is not just for aesthetics; it increases surface emissivity (the ability to radiate heat) and protects the aluminum from oxidation and corrosion. --- ### 3. Thermal Performance (Airflow Data) Thermal resistance measures how effectively the part moves heat away from the component. A lower number is better. | Air Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | **100 (Natural/Low)** | 11.46 | | **200 (Medium)** | 6.72 | | **400 (High)** | 4.42 | | **600 (Turbo)** | 3.40 | --- ### 4. Components & Materials * **Heatsink Body:** 6063 Aluminum (highly conductive). * **Springs:** Stainless steel for long-term tension durability. * **Thermal Interface Material (TIM):** Pre-applied **T766**. This is a "Phase Change" material that softens as it reaches operating temperature, filling microscopic air gaps between the chip and the metal. ---
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole diameter requirements for this specific push-pin heatsink?
    • ⤷ Can this heatsink be used in high-vibration environments like automotive or aerospace?
    • ⤷ How does the T766 thermal interface material compare to traditional thermal paste?