ATS-06F-74-C1-R0
AI

The **ATS-06F-74-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the "push pin" series designed for securing cooling solutions directly to Printed Circuit Boards (PCBs).
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Brass |
| **Thermal Resistance** | 8.94°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Core Components & Functionality
#### A. Fin Geometry
The "Straight Fin" design is optimized for **forced convection** cooling. The 25mm height allows for a significant surface area to dissipate heat from high-performance ICs (Integrated Circuits) or BGAs (Ball Grid Arrays).
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the **ATS-06F-74-C1-R0** uses a mechanical attachment:
* **Pressure:** The brass springs provide consistent pressure across the thermal interface material (TIM).
* **Stability:** Two-hole or four-hole push-pin mounting ensures the heat sink remains stable during mechanical shock or vibration.
#### C. Thermal Interface Material (TIM)
Usually, these parts come pre-applied with **ATS-PPS-11**, a high-performance phase-change material or thermal pad, to bridge the microscopic air gaps between the heat sink base and the electronic chip.
---
### 3. Applications
This specific part is commonly found in the following electronic environments:
1. **Telecommunications:** High-speed routers and switches.
2. **Computing:** Chipsets on motherboards or embedded industrial PCs.
3. **Power Electronics:** Cooling MOSFET arrays or voltage regulators.
---
### 4. Comparison: Active vs. Passive Cooling
| Feature | ATS-06F-74-C1-R0 (Passive) | Active Cooling (Fan + Sink) |
| :--- | :--- | :--- |
| **Noise** | 0 dB (Silent) | 20-40+ dB |
| **Reliability** | No moving parts; high MTBF | Fan failure risks |
| **Space** | Low profile | Requires vertical clearance for fan |
- ⤷
What are the airflow requirements to achieve the maximum 8.94°C/W thermal resistance?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?
- ⤷ What is the specific PCB hole diameter required for the push-pin installation?